PART |
Description |
Maker |
NE5008 |
8-Bit High Speed Multiplying D/A Converter
|
NXP
|
ADDAC-08 |
8-Bit High Speed Multiplying D/A Converter
|
Analog Devices
|
DAC10FX |
10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices
|
DAC08AQ_883C DAC08CSZ DAC08CSZ-REEL |
8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices
|
AD5405 AD5415 DAC08AQ883C2 AD5553 AD5555 AD5451 AD |
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface) 8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices
|
PI6C2309-1WI PI6C2309-1HW PI6C2309-1HLI PI6C2309-1 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 0.173 INCH, TSSOP-8 High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 九分布式输出时钟驱动 Nine Distributed-Output Clock Driver 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动
|
Pericom Semiconductor, Corp. Bourns, Inc.
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD7545 AD7545AQ AD7545BQ AD7545CQ AD7545GCQ AD7545 |
CMOS 12-Bit Buffered Multiplying DAC CMOS 12-Bit Buffered Multiplying DAC With Onboard Data Latches CMOS 12-Bit Buffered Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP20
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
AM27C040-95DC AM27C040-95DI AM27C040-95EC AM27C040 |
x8 EPROM Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual Serial 12-Bit Multiplying DAC; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Amphenol, Corp.
|
LTC2449C LTC2444CUHF LTC2445I LTC2445C |
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 24位ADC的高-/16-Channel可选速度/分辨 24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
Linear Technology, Corp. Linear Technology Corporation
|